PART |
Description |
Maker |
MB258 |
(MB2505 - MB2510) SINGLE PHASE 25 AMP BRIDGE RECTIFIERS
|
Formosa MS
|
S3P72K8 S3C72K8 |
singl-chip CMOS microcontroller
|
SAMSUNG[Samsung semiconductor]
|
LT1363CS8TRPBF |
70MHz, 1000V/µs Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 2000 uV OFFSET-MAX, 50 MHz BAND WIDTH, PDSO8
|
Linear Technology, Corp.
|
ISL6622 ISL6622CRZ-T ISL6622CBZ |
VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers; Temperature Range: 0°C to 70°C; Package: 10-DFN T&R
|
Intersil Corporation
|
ELH0021CK |
Single Synchronous Buck Pulse-Width Modulation (PWM) Controller; Temperature Range: 0°C to 70°C; Package: 16-QFN T&R
|
|
HIN208CA-T HIN202CBN-T HIN202CB-T |
5V Powered RS-232 Transmitters/Receivers with 0.1µF External Capacitors; Temperature Range: 0°C to 70°C; Package: 24-SSOP T&R QUAD LINE TRANSCEIVER, PDSO24 LINE TRANSCEIVER, PDSO16
|
Intersil, Corp. HARRIS SEMICONDUCTOR
|
X9258TZ24I-2.7T1 |
Low Noise, Low Power, 2-Wire Bus, 256 Taps Quad Digital Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 24-TSSOP T&R
|
INTERSIL CORP
|
LT1014ISW LT1013CJ8 LT1013ACJ8 LT1013MJ8 LT1013ACH |
Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013); Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C QUAD OP-AMP, 400 uV OFFSET-MAX, PDSO16
|
Linear Technology, Corp.
|
ISL6610CRZ ISL6610CBZ ISL6610 ISL6610A ISL6610ACBZ |
Dual Synchronous Rectified MOSFET Drivers; Temperature Range: 0°C to 70°C; Package: 16-QFN T&R 4 A BUF OR INV BASED MOSFET DRIVER, PQCC16
|
Intersil, Corp. Intersil Corporation
|
DG403DY-T |
Monolithic CMOS Analog Switches; Temperature Range: -40°C to 85°C; Package: 16-SOIC T&R DUAL 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDSO16
|
Intersil, Corp.
|
ISL6294IBZ ISL6294IBZ-T ISL6294 ISL629407 |
High Input Voltage Charger; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R
|
Intersil Corporation
|